Part Number Hot Search : 
1228M 32AA0 LB194 TA7240 12N60 AP1511 0C188 X24128
Product Description
Full Text Search
 

To Download 11DQ04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 2 features a a b c d do-41 dim min max a 25.40  b 4.06 5.21 c 0.71 0.864 d 2.00 2.72 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified      mechanical data      single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. pb / rohs free low cost low forward voltage drop low power loss high efficiency high reliability high surge current capability high current capability    weight : 0.339 gram mounting position : any polarity : color band denotes cathode end lead : axial lead solderable per mil-std-202, epoxy : ul94v-o rate flame retardant case : do-41 molded plastic method 208 guaranteed  symbol 11dq03 11DQ04 11dq05 11dq06 11dq09 11dq10 unit maximum recurrent peak reverse voltage v rrm 30 40 50 60 90 100 v maximum rms voltage v rms 21 28 35 42 63 70 v maximum dc blocking voltage v dc 30 40 50 60 90 100 v i f(av ) 1.1 a t c c maximum peak forward surge current single half sine wave superimposed on rated load maximum forward voltage at i f = 1 a, t j = 25 c 0.55 0.58 0.85 at i f = 2 a, t j = 25c 0.71 0.76 0.96 maximum reverse current at t j = 25 c i r 1.0 1.0 rated dc blocking voltage t j = 125 c i r(h) 6.0 11 junction temperature range t j - 40 to + 150 c storage temperature range t stg - 40 to + 150 c a ma rating i fsm 42 26 v f v maximum average forward current 1.0 75 84 75 0.5 42 11dq03-11dq10 1.0a axial leaded schottky barrier rectifier diodes
2 of 2 fig.1 - forward current derating curve fig.2 - maximum forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 rating and characteristic curves ( 11dq03 - 11dq10 ) 0.8 0.6 0.4 0.2 1.2 40 0 50 0 30 20 10 peak forward surge current, amperes average forward current, amperes 10 1.0 80 0.01 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) tj = 100 c tj = 25 c reverse current, milliamperes 1.0 0.1 10 forward current, amperes forward voltage, volts 20 t j = 100 c 11dq03 - 11DQ04 11dq05 - 11dq06 11dq09 - 11dq10 11dq03 - 11DQ04 11dq09 - 11dq10 11dq05 - 11dq06 11dq05 - 11dq06 11dq09 - 11dq10 11dq03 - 11DQ04 1.0 square wave (d = 0.50) 80% rated v r applied


▲Up To Search▲   

 
Price & Availability of 11DQ04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X